Part Number Hot Search : 
AI7152S BA595 25YXH390 TH7804A D08D4 D2570 CFR10XSF DT8210
Product Description
Full Text Search
 

To Download M31002ANPN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M320x Series
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
Product Features
Featuring QiK ChipTM Technology Superior Jitter Performance (comparable to SAW based) APR of 50 or 100ppm over industrial temperature range Frequencies from 150 MHz to 1.4 GHz Designed for a short 2 week cycle time
QiK ChipTM
Product Description The M320x series of VCXO's is designed with a hermetically sealed high precision AT cut quartz crystal, combined with our QiK ChipTM technology. This combination provides an industry setting 0.35 ps RMS jitter performance and excellent Phase Noise for your demanding circuit. The M310x is available in LVPECL, LVDS, or CML output and can be built to a variety of power requirements, 3.3, 2.5, and 1.8V. Tight thermal stability performance, broad frequency range, an industry standard 9x14mm package, and the ability to build and provide product in approximately 2 weeks, gives the designer a quick, solid foundation to build a solution with. Product Applications
Telecommunications such as SONET / SDH / DWDM / FEC / SERDES / OC-3 thru OC-192 Wireless base stations / WLAN / Gigabit Ethernet xDSL, Network Communications Avionic Flight Controls Military Communications Clock and Data Recovery Low Jitter Clock Generation
Product Ordering Information
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
Revision: 8-22-08
M320x Series
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
Performance Characteristics
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
2
M320x Series
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
Phase Noise Plot
Output Waveform
Output Waveform: LVDS/CML/PECL
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
3
M320x Series
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
Product Dimension & Pinout Information
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
4
M320x Series
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
Handling Information Although protection circuitry has been designed into the M320x oscillator, proper precautions should be taken to avoid exposure to electrostatic discharge (ESD) during handling and mounting. MtronPTI utilizes a human-body model (HBM) and a charged-device model (CDM) for ESD-susceptibility testing and protection design evaluation. ESD voltage thresholds are dependent on the circuit parameters used to define the mode. Although no industrywide standard has been adopted for the CDM, a standard HBM (resistance = 1500 , capacitance = 100 pF) is widely used and therefore can be used for comparison purposes. The HBM ESD threshold presented here was obtained using these circuit parameters.
Quality Parameters
Part Marking Guide
Line 1: Model Number Line 2: Frequency Line 3: Date Code Line 4: Pin 1 Indicator / MtronPTI
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
5
M320x Series
Tape & Reel Specifications
(all measurements are in mm)
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
A 10.00
B 14.20
C 1.50
D 11.50
E 4.85
F
G
H
I
J
L
P
Q
R
S
T
M320x
4.00 16.00 2.00 1.75 24.00 0.35 100.00 330.00 20.20 13.00 2.00
Standard Tape and Reel: 500 parts per reel
Product Revision Table Date 7/20/07 Revision A PCN Number Details of Revision 10118 IC Revision to improve phase noise and electrical performance
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
6
M320x Series
Maximum Soldering Conditions
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
Solder Conditions Note: Exceeding these limits may damage the device. Typical Test Circuit & Load Circuit Diagrams
For custom products or additional specifications contact our sales team at 800.762.8800 (toll free) or 605.665.9321 For more information on this product visit the MtronPTI website at www.mtronpti.com
7


▲Up To Search▲   

 
Price & Availability of M31002ANPN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X